Part Number Hot Search : 
LT1996 12232 CFRB207 TT744N2 692AES V24A15M2 MSC23 70475
Product Description
Full Text Search
 

To Download IDT74FCT162245CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDT54/74FCT162245T/AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
FEATURES:
* * * * * * * * *
IDT54/74FCT162245T/AT/CT
0.5 MICRON CMOS Technology High-speed, low-power CMOS replacement for ABT functions Typical tSK(o) (Output Skew) < 250ps Low input and output leakage 1A (max.) ESD > 2000V per MIL-STD-883, Method 3015; > 200V using machine model (C = 200pF, R = 0) Balanced Output Drivers: - 24mA (industrial) - 16mA (military) Reduced system switching noise Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V, TA = 25C Available in the following packages: - Industrial: SSOP, TSSOP, TVSOP - Military: CERPACK
DESCRIPTION:
The FCT162245T 16-bit transceiver is built using advanced dual metal CMOS technology. These high-speed, low-power transceivers are ideal for synchronous communication between two buses (A and B). The Direction and Output Enable controls operate these devices as either two independent 8-bit transceivers or one 16-bit transceiver. The direction control pin (xDIR) controls the direction of data flow. The output enable pin (xOE) overrides the direction control and disables both ports. All inputs are designed with hysteresis for improved noise margin. The FCT162245T has balanced output drive with current limiting resistors. This offers low ground bounce, minimal undershoot, and controlled output fall times-reducing the need for external series terminating resistors. The FCT162245T is a plug-in replacement for the FCT16245T and ABT16245 for on-board interface applications.
FUNCTIONAL BLOCK DIAGRAM
DIR
1OE 1A 1 1B 1 1A 2 1B 2 1A 3 1B 3 1A 4 1B 4 1A 5 1B 5 1A 6 1B 6 1A 7 1B 7 1A 8 1B 8 2A 8 2B 8 2A 7 2B 7 2A 6 2B 6 2A 5 2B 5 2A 4 2B 4 2A 3 2B 3 2A 2 2B 2 2A 1 2B 1
1
2
DIR
2OE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
1
(c) 2002 Integrated Device Technology, Inc.
JULY 2002
DSC-5457/3
IDT54/74FCT162245T/AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
PIN CONFIGURATION
1DIR 1B1 1B2
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Description Terminal Voltage with Respect to GND Terminal Voltage with Respect to GND Storage Temperature DC Output Current Max -0.5 to +7 -0.5 to VCC+0.5 -65 to +150 -60 to +120 Unit V V C mA
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
VTERM(2)
1OE 1A1 1A2
VTERM(3) TSTG IOUT
GND
1B3 1B4
GND
1A3 1A4
VCC
1B5 1B6
VCC
1A5 1A6
NOTES: 1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. All device terminals except FCT162XXXT AND FCT166XXXT (A-Port) Output and I/O terminals. 3. Output and I/O terminals terminals for FCT162XXXT AND FCT166XXXT (A-Port).
CAPACITANCE (TA = +25C, F = 1.0MHz)
Symbol CIN COUT Parameter(1) Input Capacitance Output Capacitance Conditions VIN = 0V VOUT = 0V Typ. 3.5 3.5 Max. 6 8 Unit pF pF
GND
1B7 1B8 2B1 2B2
GND
1A7 1A8 2A1 2A2
NOTE: 1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names xOE xDIR xAx xBx Description Output Enable Inputs (Active LOW) Direction Control Input Side A Inputs or 3-State Outputs Side B Inputs or 3-State Outputs
GND
2B3 2B4
GND
2A3 2A4
VCC
2B5 2B6
VCC
2A5 2A6
FUNCTION TABLE(1)
Inputs xOE L xDIR L H X Outputs Bus B Data to Bus A Bus A Data to Bus B High Z State
GND
2B7 2B8 2DIR
GND
2A7 2A8 2OE
L H
SSOP/ TSSOP/ TVSOP/ CERPACK TOP VIEW
NOTE: 1. H = HIGH Voltage Level L = LOW Voltage Level X = Don't Care Z = High-Impedance
2
IDT54/74FCT162245T/AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified: Industrial: TA = -40C to +85C, VCC = 5.0V 10%; Military: TA = -55C to +125C, VCC = 5.0V 10%
Symbol VIH VIL IIH Parameter Input HIGH Level Input LOW Level Input HIGH Current (Input pins)(5) Input HIGH Current (I/O pins)(5) IIL Input LOW Current (Input pins)(5) Input LOW Current (I/O pins)(5) IOZH IOZL VIK IOS VH ICCL ICCH ICCZ High Impedance Output Current (3-State Output pins)(5) Clamp Diode Voltage Short Circuit Current Input Hysteresis Quiescent Power Supply Current VCC = Max. VIN = GND or VCC VCC = Min., IIN = -18mA VCC = Max., VO = GND(3) -- VCC = Max. VO = 2.7V VO = 0.5V VI = GND Test Conditions(1) Guaranteed Logic HIGH Level Guaranteed Logic LOW Level VCC = Max. VI = VCC Min. 2 -- -- -- -- -- -- -- -- -80 -- -- Typ.(2) -- -- -- -- -- -- -- -- -0.7 -140 100 5 Max. -- 0.8 1 1 1 1 1 1 -1.2 -250 -- 500 V mA mV A A A Unit V V A
OUTPUT DRIVE CHARACTERISTICS
Symbol IODL IODH VOH VOL Parameter Output LOW Current Output HIGH Current Output HIGH Voltage Output LOW Voltage Test Conditions(1) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = 5V, VIN = VIH or VIL, VO = 1.5V(3) VCC = Min IOH = -16mA MIL VIN = VIH or VIL IOH = -24mA IND VCC = Min IOH = 16mA MIL VIN = VIH or VIL IOH = 24mA IND Min. 60 -60 2.4 -- Typ.(2) 115 -115 3.3 0.3 Max. 200 -200 -- 0.55 Unit mA mA V V
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Not more than one output should be tested at one time. Duration of the test should not exceed one second. 4. Duration of the condition can not exceed one second. 5. This test limit for this parameter is 5A at TA = -55C.
3
IDT54/74FCT162245T/AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol ICC ICCD Parameter Quiescent Power Supply Current TTL Inputs HIGH Dynamic Power Supply Current(4) VCC = Max. VIN = 3.4V(3) VCC = Max. Outputs Open xOE = xDIR = GND One Input Toggling 50% Duty Cycle VCC = Max. Outputs Open fi = 10MHz 50% Duty Cycle xOE = xDIR = GND One Bits Togging VCC = Max. Outputs Open fi = 2.5MHz 50% Duty Cycle xOE = xDIR = GND Sixteen Bits Togging VIN = VCC VIN = GND Test Conditions(1) Min. -- -- Typ.(2) 0.5 60 Max. 1.5 100 Unit mA A/ MHz
IC
Total Power Supply Current(6)
VIN = VCC VIN = GND VIN = 3.4V VIN = GND VIN = VCC VIN = GND VIN = 3.4V VIN = GND
--
0.6
1.5
mA
--
0.9
2.3
--
2.4
4.5(5)
--
6.4
16.5(5
NOTES: 1. For conditions shown as Min. or Max., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25C ambient. 3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND. 4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations. 5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested. 6. IC = IQUIESCENT + IINPUTS + IDYNAMIC IC = ICC + ICC DHNT + ICCD (fCPNCP/2 + fiNi) ICC = Quiescent Current (ICCL, ICCH and ICCZ) ICC = Power Supply Current for a TTL High Input (VIN = 3.4V) DH = Duty Cycle for TTL Inputs High NT = Number of TTL Inputs at DH ICCD = Dynamic Current caused by an Input Transition Pair (HLH or LHL) fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices) NCP = Number of Clock Inputs at fCP fi = Input Frequency Ni = Number of Inputs at fi
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
Symbol tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ tSK(o) Parameter Propagation Delay A to B, B to A Output Enable Time xOE to A or B Output Disable Time xOE to A or B Output Enable Time xDIR to A or B(4) Output Disable Time xDIR to A or B(4) Output Skew(3) Condition(1) CL = 50pF RL = 500 54FCT162445T Mil. Min.(2) Max. 1.5 7.5 1.5 1.5 1.5 1.5 -- 10 10 10 10 0.5 74/54FCT162245AT Ind. Mil. Min.(2) Max. Min.(2) Max. 1.5 4.6 1.5 4.9 1.5 1.5 1.5 1.5 -- 6.2 5 6.2 5 0.5 1.5 1.5 1.5 1.5 -- 6.5 6 6.5 6 0.5 54/74FCT162245CT Ind. Mil. Min.(2) Max. Min.(2) Max. 1.5 3.5 1.5 4.5 1.5 1.5 1.5 1.5 -- 4.4 4 4.8 4 0.5 1.5 1.5 1.5 1.5 -- 6.2 5.2 6.2 5.2 0.5 Unit ns ns ns ns ns ns
NOTES: 1. See test circuit and waveforms. 2. Minimum limits are guaranteed but not tested on Propagation Delays. 3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design. 4. This parameter is guaranteed but not tested.
4
IDT54/74FCT162245T/AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
TEST CIRCUITS AND WAVEFORMS
V CC 500 VIN Pulse Generator RT D.U.T. 50pF CL 500 VOUT 7.0V
SWITCH POSITION
Test Open Drain Disable Low Enable Low All Other Tests Switch Closed Open
DEFINITIONS: CL = Load capacitance: includes jig and probe capacitance. RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
Test Circuits for All Waveforms
DATA INPUT TIMING INPUT ASYNCHRONOUS CONTROL PRESET CLEAR ETC. SYNCHRONOUS CONTROL PRESET CLEAR CLOCK ENABLE ETC.
tSU
tH
tREM
3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V 3V 1.5V 0V
LOW-HIGH-LOW PULSE tW HIGH-LOW-HIGH PULSE
1.5V
1.5V
tSU
tH
Pulse Width
Set-up, Hold, and Release Times
ENABLE SAME PHASE INPUT TRANSITION tPLH OUTPUT tPLH OPPOSITE PHASE INPUT TRANSITION tPHL tPHL 3V 1.5V 0V VOH 1.5V VOL 3V 1.5V 0V CONTROL INPUT tPZL OUTPUT NORMALLY LOW OUTPUT NORMALLY HIGH SWITCH CLOSED tPZH SWITCH OPEN 3.5V 1.5V tPHZ 0.3V 1.5V 0V VOH 0V tPLZ DISABLE 3V 1.5V 0V 3.5V 0.3V VOL
Propagation Delay
Enable and Disable Times
NOTES: 1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH. 2. Pulse Generator for All Pulses: Rate 1.0MHz; tF 2.5ns; tR 2.5ns.
5
IDT54/74FCT162245T/AT/CT FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
ORDERING INFORMATION
FCT IDT XX Temp. Range XXX Family XXXX Device Type XX Package X Process Blank B Industrial MIL-STD-883, Class B Industrial Options Shrink Small Outline Package Thin Shrink Small Outline Package Thin Very Small Outline Package Military Options CERPACK
PV PA PF
E
16-Bit Buffer/Line Driver 245T 245AT 245CT
162 54 74
Double-Density, 5 Volt, Balanced Drive - 55C to +125C - 40C to +85C
DATA SHEET DOCUMENT HISTORY
3/26/2002 6/26/2002 Removed standard speed grade Updated as per PDNs Logic-00-07 and Logic-01-04
CORPORATE HEADQUARTERS 2975 Stender Way Santa Clara, CA 95054
for SALES: 800-345-7015 or 408-727-6116 fax: 408-492-8674 www.idt.com
for Tech Support: logichelp@idt.com (408) 654-6459
6


▲Up To Search▲   

 
Price & Availability of IDT74FCT162245CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X